Part Number Hot Search : 
5KP54APT 5188J C74HC2 M3055 SPC564 SMBJ24 20ETF F9530
Product Description
Full Text Search
 

To Download BCM2040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM2040
(R)
SINGLE-CHIP BLUETOOTH(R) MOUSE AND KEYBOARD
FEATURES * Single-chip Bluetooth(R) device with fully integrated Human
Interface Device (HID) profile and full Bluetooth stack * On-board 8051 processor and RAM/ROM memory * Custom-integrated Bluetooth core processor has been optimized to support the HID profile and minimize power consumption * Bluetooth version 1.2 compliant including support for adaptive frequency hopping and fast connect * Fully integrated radio eliminates all filters and matching components and features a single-pin interface directly to antenna * Direct interface to keyboard scan matrix with full support for 152 keys and user-customizable hot keys * Integrated quadrature signal decoder to support both ball and optical mouse designs * Direct interface to LED and LCD displays
SUMMARY OF BENEFITS * Cost-optimized solution for mouse and keyboard applications
- not a generic HCI device adapted for mouse and keyboard * Achieves lowest possible cost through the integration of all external components * Direct interface to key scan matrix or ball/optical mouse encoders Replaces existing mouse or keyboard processor and memory and adds Bluetooth functionality Lowest power consumption solution provides greater than sixmonth battery life Adaptive frequency hopping support ensures full interoperability and coexistence with WLAN enabled personal computers Optimized radio provides long-range, interference-free operation in high-interference environments * Transmitter provides +4 dBm output power and satisfies Class 2 operation * Receiver provides -85 dBm receiver sensitivity Single monolithic bulk CMOS device providing low cost and high availability of manufacturing supply AT commands (7.05 and 7.07)
* * * *
* Drive capability to power external optoelectronics * ROM-based design eliminates external flash memories
* Flash option offered to support feature development
* *
* Fully integrated low dropout (LDO) regulator provides
direction interface to batteries * Available in 64-pin fpBGA and 100-pin fpBGA packages
APPLICATIONS * Bluetooth mouse * Remote control HID devices * Bluetooth keyboard * Game controllers * Combination mouse/keyboard
BCM2040 Functional Block Diagram
Processing Unit
System Bus RF Control and Data 2.4 GHz Radio Bluetooth Baseband Core GPIO for LEDs, LCD, Power, etc. Keyboard Matrix Scanner
3-Axis Mouse Signal Decoder
RF I/O
T/R Switch
Frequency Synthesizer
Power Mgmt
XTAL
GPIO
Scan Matrix
Quadrature Inputs
OVERVIEW
Power Control for LEDs and Sensors Quad. Sensors LEDs X-axis
Key Scan Matrix
Y-axis
BCM2040
BCM2040
Scroll 2 AAA Batteries
Indicators
2 AAA Batteries CAPS NUM SCROLL
Left
Middle/Scroll
EEPROM
Right
EEPROM
BCM2040 Mouse Block Diagram
The BCM2040 is a major breakthrough in the design of low-cost Bluetooth mouse and keyboard devices. The BCM2040 is a true single chip that integrates the entire profile, application, and Bluetooth protocol stack and is fully compliant with the Bluetooth SIG specification for human interface devices. The BCM2040 is fully compliant with the version 1.2 Bluetooth specification, including adaptive frequency hopping and fast connection, which are essential to mouse and keyboard applications in personal computers. Integration is key to achieving the system cost targets of today's PC OEMs. By integrating all components within today's mouse and keyboard into the BCM2040, low system costs can be achieved to approach the price points of legacy-wired mice and keyboards. The BCM2040 can interface directly to mouse optical or ball encoders and keyboard scan matrices.
BCM2040 Keyboard Block Diagram
The Bluetooth baseband core has been optimized to maximize the battery life and functionality required for a mouse or keyboard application. Battery life has been optimized in the BCM2040 to meet greater than 6 months for the typical user using standard battery technology. The BCM2040 integrates a high-performance radio implemented in standard bulk CMOS. It incorporates a proprietary self-calibrating VCO structure for both excellent phase noise and fast frequency hopping covering the entire band. All filters have been fully integrated into the device and are also self-calibrating to automatically compensate for changes in temperature and any process variation during manufacturing. The RF interface to the device fully integrates the T/R switch and its associates matching circuits, enabling direct interface with the antenna. The block diagrams show how the BCM2040 can be used in either a mouse or keyboard application.
Broadcom(R), the pulse logo, and Connecting everything(R) are trademarks of Broadcom Corporation and/ or its subsidiaries in the United States and certain other countries. BluetoothTM is a trademark owned by Bluetooth SIG. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2004 by BROADCOM CORPORATION. All rights reserved. 2040-PB02-R 03/30/04
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM2040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X